|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
"PRELIMINARY" 2450 MHz Balun Detail Specification: 02/01/05 P/N 2450BL14C100 Page 1 of 2 General Specifications Part Number Frequency (MHz) Unbalanced Impedence Differential Balanced Imp. Insertion Loss Return Loss Phase Difference (degree) 2450BL14C100 2400~2500 50 100 1.2 dB max. 9.5 dB min. 180 10 1.5 dB max. Operating Temperature Reel Quanity Power Capacity -40 to +85C 4000 0.5 watts max. Terminal Configuration No. Function Unbalanced Port GND, or DC Bias + RF GND Amplitude Difference 1 2 3 W c L a p Mechanical Dimensions In L 0.063 0.004 W 0.031 0.004 T 0.024 0.004 0.008 0.004 b 0.008 +.004/-.006 c 0.006 0.004 g 0.012 0.004 a p 0.020 0.004 mm 1.60 0.10 0.80 0.10 0.60 0.10 0.20 0.10 0.20 +0.1/-0.15 0.15 0.10 0.30 0.10 0.50 0.10 g b T Balanced Port Balanced Port GND NC 4 5 6 Mounting Considerations Mount these devices with brown mark facing up. Line width should be designed to provide proper impedance matching characteristics. Units: mm Without DC Feed 0.25 With DC Feed 0.25 * * Solder Resist * 0.55 0.3 * Land Through-hole (0.3) 0.3 0.55 * 0.25 * 0.25 Units: mm Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 931 Via Alondra * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2003 Johanson Technology, Inc. All Rights Reserved "PRELIMINARY" 2450 MHz Balun Detail Specification: 02/01/05 P/N 2450BL14C100 Page 2 of 2 Typical Electrical Performance (T=25C) ) ) ) ) ) ) ) Insertion and Return Loss ) RL 0 -5 (dB) -10 -15 -20 IL -25 0.5 1.0 1.5 ) 2.0 2.5 3.0 freq, GHz ) Amplitude and Phase Balance ) 2.0 1.5 1.0 0.5 (dB) ) 200 195 190 185 180 175 170 165 160 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 freq, GHz dif_phase 0.0 -0.5 -1.0 -1.5 -2.0 dif_amplitude Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 931 Via Alondra * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2003 Johanson Technology, Inc. All Rights Reserved |
Price & Availability of 2450BL14C100 |